Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8379ECVRALFA Fiches technique(PDF) 82 Page - Freescale Semiconductor, Inc

No de pièce MPC8379ECVRALFA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8379ECVRALFA Fiches technique(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPC8379ECVRALFA Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8379ECVRALFA Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8379ECVRALFA Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8379ECVRALFA Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8379ECVRALFA Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8379ECVRALFA Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8379ECVRALFA Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8379ECVRALFA Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8379ECVRALFA Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 114 page
background image
MPC8379E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
82
Freescale Semiconductor
Package and Pin Listings
MDQ41
AC4
I/O
GVDD
11
MDQ42
AD4
I/O
GVDD
11
MDQ43
AF1
I/O
GVDD
11
MDQ44
AE4
I/O
GVDD
11
MDQ45
AC5
I/O
GVDD
11
MDQ46
AE2
I/O
GVDD
11
MDQ47
AE3
I/O
GVDD
11
MDQ48
AG1
I/O
GVDD
11
MDQ49
AG2
I/O
GVDD
11
MDQ50
AG3
I/O
GVDD
11
MDQ51
AF5
I/O
GVDD
11
MDQ52
AE5
I/O
GVDD
11
MDQ53
AD7
I/O
GVDD
11
MDQ54
AH2
I/O
GVDD
11
MDQ55
AG4
I/O
GVDD
11
MDQ56
AH3
I/O
GVDD
11
MDQ57
AG5
I/O
GVDD
11
MDQ58
AF8
I/O
GVDD
11
MDQ59
AJ5
I/O
GVDD
11
MDQ60
AF6
I/O
GVDD
11
MDQ61
AF7
I/O
GVDD
11
MDQ62
AH6
I/O
GVDD
11
MDQ63
AH7
I/O
GVDD
11
MDQS0
C8
I/O
GVDD
11
MDQS1
C4
I/O
GVDD
11
MDQS2
E3
I/O
GVDD
11
MDQS3
G2
I/O
GVDD
11
MDQS4
AB5
I/O
GVDD
11
MDQS5
AD1
I/O
GVDD
11
MDQS6
AH1
I/O
GVDD
11
MDQS7
AJ3
I/O
GVDD
11
MDQS8
G1
I/O
GVDD
11
MECC0/MSRCID0
J6
I/O
GVDD
—
Table 68. TePBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More