| Moteur de recherche de fiches techniques de composants électroniques |
|
SC9RS08KA2J3CSC Fiches technique(PDF) 94 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC9RS08KA2J3CSC Fiches technique(HTML) 94 Page - Freescale Semiconductor, Inc |
|
94 / 134 page ![]() Modulo Timer (RS08MTIMV1) SC9RS08KA2 Series Data Sheet, Rev. 1 94 Freescale Semiconductor 11.3.4 MTIM Modulo Register (MTIMMOD) Table 11-5. MTIMCNT Field Description Field Description 7:0 COUNT MTIM Count — These eight read-only bits contain the current value of the 8-bit counter. Writes have no effect to this register. Reset clears the count to $00. 7 6 5 432 1 0 R MOD W Reset: 0 0 0 0 0 0 0 0 Figure 11-6. MTIM Modulo Register (MTIMMOD) Table 11-6. MTIMMOD Descriptions Field Description 7:0 MOD MTIM Modulo — These eight read/write bits contain the modulo value used to reset the count and set TOF. A value of $00 puts the MTIM in free-running mode. Writing to MTIMMOD resets the COUNT to $00 and clears TOF. Reset sets the modulo to $00. |