| Moteur de recherche de fiches techniques de composants électroniques |
|
SC9RS08KA2J3CSC Fiches technique(PDF) 82 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC9RS08KA2J3CSC Fiches technique(HTML) 82 Page - Freescale Semiconductor, Inc |
|
82 / 134 page ![]() Internal Clock Source (RS08ICSV1) SC9RS08KA2 Series Data Sheet, Rev. 1 82 Freescale Semiconductor 9.4.6 Fixed Frequency Clock The ICS provides the ICSFFCLK output which can be used as an additional clock source to a peripheral such as a timer, when the ICS is in FEI. ICSFFCLK is not a valid clock source for a peripheral when in either FBI or FBILP modes. ICSFFCLK is ICSRCLK divided by two. |