| Moteur de recherche de fiches techniques de composants électroniques |
|
SC9RS08KA2 Fiches technique(PDF) 67 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC9RS08KA2 Fiches technique(HTML) 67 Page - Freescale Semiconductor, Inc |
|
67 / 134 page ![]() Chapter 8 Central Processor Unit (RS08CPUV1) SC9RS08KA2 Series Data Sheet, Rev. 1 Freescale Semiconductor 67 Table 8-1. Instruction Set Summary (Sheet 1 of 6) Source Form Description Operation Effect on CCR ZC ADC #opr8i ADC opr8a ADC ,X (1) ADC X Add with Carry A ← (A) + (M) + (C) A ← (A) + (X) + (C) IMM DIR IX DIR A9 B9 B9 B9 ii dd 0E 0F 2 3 3 3 ADD #opr8i ADD opr8a ADD opr4a ADD ,X (1) ADD X Add without Carry A ← (A) + (M) IMM DIR TNY IX DIR AB BB 6x 6E 6F ii dd 2 3 3 3 3 AND #opr8i AND opr8a AND ,X (1) AND X Logical AND A ← (A) & (M) A ← (A) & (X) — IMM DIR IX DIR A4 B4 B4 B4 ii dd 0E 0F 2 3 3 3 ASLA(1) Arithmetic Shift Left INH 48 1 BCC rel Branch if Carry Bit Clear PC ← (PC) + $0002 + rel, if (C) = 0 — — REL 34 rr 3 BCLR n,opr8a BCLR n,D[X] BCLR n,X Clear Bit n in Memory Mn ← 0 —— DIR (b0) DIR (b1) DIR (b2) DIR (b3) DIR (b4) DIR (b5) DIR (b6) DIR (b7) IX (b0) IX (b1) IX (b2) IX (b3) IX (b4) IX (b5) IX (b6) IX (b7) DIR (b0) DIR (b1) DIR (b2) DIR (b3) DIR (b4) DIR (b5) DIR (b6) DIR (b7) 11 13 15 17 19 1B 1D 1F 11 13 15 17 19 1B 1D 1F 11 13 15 17 19 1B 1D 1F dd dd dd dd dd dd dd dd 0E 0E 0E 0E 0E 0E 0E 0E 0F 0F 0F 0F 0F 0F 0F 0F 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 BCS rel Branch if Carry Bit Set (Same as BLO) PC ← (PC) + $0002 + rel, if (C) = 1 ——REL 35 rr 3 BEQ rel Branch if Equal PC ← (PC) + $0002 + rel, if (Z) = 1 ——REL 37 rr 3 BGND Background Enter Background Debug Mode ——INH BF 5+ 1. This is a pseudo instruction supported by the normal RS08 instruction set. 2. This instruction is different from that of the HC08 and HCS08 in that the RS08 does not auto-increment the index register. C b0 b7 0 |