| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF2119RU/2/F2 Fiches technique(PDF) 72 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2119RU/2/F2 Fiches technique(HTML) 72 Page - NXP Semiconductors |
|
72 / 79 page ![]() PCF2119X_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 13 August 2009 72 of 79 NXP Semiconductors PCF2119x LCD controllers/drivers C20 121 −745 −1464 LCD column driver output C19 122 −745 −1534 C18 123 −745 −1604 C17 124 −745 −1674 C16 125 −745 −1744 C15 126 −745 −1884 C14 127 −745 −1954 C13 128 −745 −2024 C12 129 −745 −2094 C11 130 −745 −2164 C10 131 −745 −2234 C9 132 −745 −2304 C8 133 −745 −2374 C7 134 −745 −2444 C6 135 −745 −2514 C5 136 −745 −2584 C4 137 −745 −2654 C3 138 −745 −2724 C2 139 −745 −2794 C1 140 −745 −2864 R18 141 −745 −2934 LCD row driver output R9 142 −745 −3004 R10 143 −745 −3074 R11 144 −745 −3144 R12 145 −745 −3214 R13 146 −745 −3284 R14 147 −745 −3354 R15 148 −745 −3424 R16 149 −745 −3494 dummy (VSS1) 150 −745 −3704 dummy SCL 151 +745 −3704 I2C-bus serial clock input SCL 152 +745 −3634 T3 153 +745 −3494 test pin 3 POR 154 +745 −3424 external Power-On Reset (POR) input PD 155 +745 −3214 power-down mode select input SDA 156 +745 −3004 I2C-bus serial data input/output SDA 157 +745 −2934 R/W 158 +745 −2584 read/write input RS 159 +745 −2374 register select input DB0 160 +745 −2164 8-bit bidirectional data bus; bit 0 Table 45. Pin location …continued All X and Y coordinates are referenced to the center of the chip (dimensions in µm). Symbol Pin X Y Description |