Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF2119RU/2/F2 Fiches technique(PDF) 59 Page - NXP Semiconductors

No de pièce PCF2119RU/2/F2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119RU/2/F2 Fiches technique(HTML) 59 Page - NXP Semiconductors

Back Button PCF2119RU/2/F2 Datasheet HTML 55Page - NXP Semiconductors PCF2119RU/2/F2 Datasheet HTML 56Page - NXP Semiconductors PCF2119RU/2/F2 Datasheet HTML 57Page - NXP Semiconductors PCF2119RU/2/F2 Datasheet HTML 58Page - NXP Semiconductors PCF2119RU/2/F2 Datasheet HTML 59Page - NXP Semiconductors PCF2119RU/2/F2 Datasheet HTML 60Page - NXP Semiconductors PCF2119RU/2/F2 Datasheet HTML 61Page - NXP Semiconductors PCF2119RU/2/F2 Datasheet HTML 62Page - NXP Semiconductors PCF2119RU/2/F2 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
59 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
4
Entry_mode_set
sets mode to increment the address
by 1 and to shift the cursor to the right
at the time of the write to the
DDRAM/CGRAM; display is not shifted
0000000110
5
Write_data to CGRAM/DDRAM
writes ‘P’; the DDRAM has already
been selected by initialization at
power-on; the cursor is incremented
by 1 and shifted to the right
1001010000
P
6
Write_data to CGRAM/DDRAM
writes ‘H’
1001001000
PH
7 to 10
:
PHILIP
writes ‘ILIP’
11
Write_data to CGRAM/DDRAM
writes ‘S’
1001010011
PHILIPS
12
Entry_mode_set
sets mode for display shift at the time
of write
0000000111
PHILIPS
13
Write_data to CGRAM/DDRAM
writes space
1000100000
HILIPS
14
Write_data to CGRAM/DDRAM
writes ‘M’
1001001101
ILIPS
M
15 to 19
:
MICROK
writes ‘ICROK’
20
Write_data to CGRAM/DDRAM
writes ‘O’
1001001111
MICROKO
21
Curs_disp_shift
shifts only the cursor position to the left
0000010000
MICROKO
22
Curs_disp_shift
shifts only the cursor position to the left
0000010000
MICROKO
23
Write_data to CGRAM/DDRAM
writes ‘C’ correction; display moves to
the left
1001000011
ICROCO
24
Curs_disp_shift
shifts the display and cursor to the
right
0000011100
MICROCO
25
Curs_disp_shift
shifts only the cursor to the right
0000010100
MICROCO
26
Write_data to CGRAM/DDRAM
writes ‘M’
1001001101
ICROCOM
27
Return_home
returns both display and cursor to the
original position (address 0)
0000000010
PHILIPS M
Table 39.
8-bit operation, 1-line display example; using external reset (character set ‘A’) …continued
Step
Instruction
Display
Operation
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79