Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF2119DU/2/2 Fiches technique(PDF) 75 Page - NXP Semiconductors

No de pièce PCF2119DU/2/2
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119DU/2/2 Fiches technique(HTML) 75 Page - NXP Semiconductors

Back Button PCF2119DU/2/2 Datasheet HTML 71Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 72Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 73Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 74Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 75Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 76Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 77Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 78Page - NXP Semiconductors PCF2119DU/2/2 Datasheet HTML 79Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 75 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
75 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
The orientation of the IC in a pocket is indicated by the position of the IC type name on the die
surface with respect to the chamfer on the upper left corner of the tray. Refer to the bonding pin
location diagram for the orientating and position of the type name on the die surface.
Fig 51. Tray alignment
001aaj623
marking code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79