| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF2119DU/2/2 Fiches technique(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2119DU/2/2 Fiches technique(HTML) 26 Page - NXP Semiconductors |
|
26 / 79 page ![]() PCF2119X_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 13 August 2009 26 of 79 NXP Semiconductors PCF2119x LCD controllers/drivers [1] The bits 0 to 7 correspond with the data bus lines DB0 to CB7. [2] fosc cycles. [3] No operation. [4] Do not use. Table 11. Instruction register overview Instruction Bits[1] Required clock cycles[2] Reference RS R/W 7 6 5 4 3 2 1 0 Basic instructions (bit H = 0 or 1) NOP [3] 00000000003 - Function_set 0 0 0 0 1 DL 0 M SL H 3 Section 10.2.1.1 BF_AC 0 1 BF AC 0 Section 10.2.1.2 Read_data 1 1 READ_DATA 3 Section 10.2.1.3 Write_data 1 0 WRITE_DATA 3 Section 10.2.1.4 Standard instructions (bit H = 0) Clear_display 0 0 0 0 0 0 0 0 0 1 165 Section 10.2.2.1 Return_home 0 0 0 0 0 0 0 0 1 0 3 Section 10.2.2.2 Entry_mode_set 0 0 0 0 0 0 0 1 I_D S 3 Section 10.2.2.3 Display_ctl 0 0 0 0 0 0 1 D C B 3 Section 10.2.2.4 Curs_disp_shift 0 0 0 0 0 1 SC RL 0 0 3 Section 10.2.2.5 Set_CGRAM 0 0 0 1 ACG 3 Section 10.2.2.6 Set_DDRAM 0 0 1 ADD 3 Section 10.2.2.7 Extended instructions (bit H = 1) Reserved [4] 0000000001- - Screen_conf 0 0 0 0 0 0 0 0 1 L 3 Section 10.2.3.1 Disp_conf 0 0 0 0 0 0 0 1 P Q 3 Section 10.2.3.2 Icon_ctl 0 0 0 0 0 0 1 IM IB DM 3 Section 10.2.3.3 Temp_ctl 0 0 0 0 0 1 0 0 TC1 TC2 3 Section 10.2.3.4 HV_gen 0 0 0 1 0 0 0 0 S1 S0 3 Section 10.2.3.5 VLCD_set 0 0 1 V VA or VB 3 Section 10.2.3.6 |