Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP9804-E/MS Fiches technique(PDF) 47 Page - Microchip Technology

No de pièce MCP9804-E/MS
Description  짹0.25째C Typ. Accuracy Digital Temperature Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9804-E/MS Fiches technique(HTML) 47 Page - Microchip Technology

Back Button MCP9804-E/MS Datasheet HTML 43Page - Microchip Technology MCP9804-E/MS Datasheet HTML 44Page - Microchip Technology MCP9804-E/MS Datasheet HTML 45Page - Microchip Technology MCP9804-E/MS Datasheet HTML 46Page - Microchip Technology MCP9804-E/MS Datasheet HTML 47Page - Microchip Technology MCP9804-E/MS Datasheet HTML 48Page - Microchip Technology MCP9804-E/MS Datasheet HTML 49Page - Microchip Technology MCP9804-E/MS Datasheet HTML 50Page - Microchip Technology MCP9804-E/MS Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
© 2009 Microchip Technology Inc.
DS22203A-page 47
MCP9804
/********************************************************************
*
Function Name:
I2CDataReady
*
*
Return Value:
Buffer Full (BF) flag
*
*
Parameters:
void
*
*
Description:
Checks if data is in the SSPBUF
*
********************************************************************/
unsigned char I2CDataReady(void)
{
if (SSPSTATbits.BF)
// test if buffer full bit is set
return ( +1 );
// data in SSP2BUF register
else
return ( 0 );
// no data in SSP2BUF register
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54