| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP9804-E/MS Fiches technique(PDF) 45 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9804-E/MS Fiches technique(HTML) 45 Page - Microchip Technology |
|
45 / 54 page ![]() © 2009 Microchip Technology Inc. DS22203A-page 45 MCP9804 /******************************************************************** * Function Name: I2CReStart * Return Value: void * Parameters: void * Description: * ********************************************************************/ void I2CReStart(void) { PIR1bits.SSPIF = 0;//Clear Interrupt SSPCON2bits.RSEN = 1; while(!PIR1bits.SSPIF);//Wait for data received Interrupt PIR1bits.SSPIF = 0;//Clear Interrupt } /******************************************************************** * Function Name: I2CStop * Return Value: void * Parameters: void * Description: Stop bit * ********************************************************************/ void I2CStop(void) { PIR1bits.SSPIF = 0;//Clear Interrupt if (!SSPSTATbits.P) { SSPCON2bits.PEN = 1; //Stop condition while(SSPCON2bits.PEN); //wait for STOP if (PIR2bits.BCLIF) PIR2bits.BCLIF = 0; while(!PIR1bits.SSPIF); //Wait for flag to set PIR1bits.SSPIF = 0; } } /******************************************************************** * Function Name: WriteI2C2 * * Return Value: Status byte for WCOL detection. * * Parameters: Single data byte for I2C2 bus. * * Description: This routine writes a single byte to the * * I2C2 bus. * ********************************************************************/ unsigned char WriteI2C( unsigned char data_out ) { SSPBUF = data_out; // write single byte to SSP2BUF if ( SSPCON1bits.WCOL ) // test if write collision occurred return ( -1 ); // if WCOL bit is set return negative # else { while( SSPSTATbits.BF ); // wait until write cycle is complete WaitForACK();//wait for ACK from device return ( 0 ); // if WCOL bit is not set return non-negative # } } |