| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP9804 Fiches technique(PDF) 47 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9804 Fiches technique(HTML) 47 Page - Microchip Technology |
|
47 / 54 page ![]() © 2009 Microchip Technology Inc. DS22203A-page 47 MCP9804 /******************************************************************** * Function Name: I2CDataReady * * Return Value: Buffer Full (BF) flag * * Parameters: void * * Description: Checks if data is in the SSPBUF * ********************************************************************/ unsigned char I2CDataReady(void) { if (SSPSTATbits.BF) // test if buffer full bit is set return ( +1 ); // data in SSP2BUF register else return ( 0 ); // no data in SSP2BUF register } |