| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP9804 Fiches technique(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9804 Fiches technique(HTML) 32 Page - Microchip Technology |
|
32 / 54 page ![]() MCP9804 DS22203A-page 32 © 2009 Microchip Technology Inc. FIGURE 5-11: Alert Output Condition. TUPPER TLOWER TCRIT TA TUPPER - THYST Comparator Interrupt S/w Int. Clear Critical Only TCRIT - THYST 1 2 3 4 5 6 TABLE 5-3: ALERT OUTPUT CONDITIONS Note Alert Output Boundary Conditions Alert Output TA Bits Comparator Interrupt Critical 15 14 13 1TA ≥ TLOWER H L H 000 2TA < TLOWER - THYST L L H 001 3TA > TUPPER L L H 010 4 TA ≤ TUPPER - THYST H L H 000 5 TA ≥ TCRIT L L L 110 6TA < TCRIT - THYST L H H 010 * When TA ≥ TCRIT and TA < TCRIT - THYST the Alert output is Comparator mode and bits 0 of CONFIG (Alert output mode) is ignored. Also, in Interrupt mode, if Interrupt Clear bit is not set then when temperature drops below the critical limit (note 6), the Alert output remains asserted. TLOWER -THYST TLOWER -THYST TUPPER - THYST 1 3 4 2 Note: * |