| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4152T-502E/MS Fiches technique(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4152T-502E/MS Fiches technique(HTML) 12 Page - Microchip Technology |
|
12 / 88 page ![]() MCP413X/415X/423X/425X DS22060B-page 12 © 2008 Microchip Technology Inc. FIGURE 1-2: SPI Timing Waveform (Mode = 00). TABLE 1-2: SPI REQUIREMENTS (MODE = 00) # Characteristic Symbol Min Max Units Conditions SCK Input Frequency FSCK —10 MHz VDD = 2.7V to 5.5V —1 MHz VDD = 1.8V to 2.7V 70 CS Active (VIL or VIHH) to SCK↑ input TcsA2scH 60 — ns 71 SCK input high time TscH 45 — ns VDD = 2.7V to 5.5V 500 — ns VDD = 1.8V to 2.7V 72 SCK input low time TscL 45 — ns VDD = 2.7V to 5.5V 500 — ns VDD = 1.8V to 2.7V 73 Setup time of SDI input to SCK ↑ edge TDIV2scH 10 — ns 74 Hold time of SDI input from SCK ↑ edge TscH2DIL20 — ns 77 CS Inactive (VIH) to SDO output hi-impedance TcsH2DOZ— 50 ns Note 1 80 SDO data output valid after SCK ↓ edge TscL2DOV— 70 ns VDD = 2.7V to 5.5V 170 ns VDD = 1.8V to 2.7V 82 SDO data output valid after CS Active (VIL or VIHH) TssL2doV — 70 ns 83 CS Inactive (VIH) after SCK↓ edge TscH2csI 100 — ns VDD = 2.7V to 5.5V 1ms VDD = 1.8V to 2.7V 84 Hold time of CS Inactive (VIH) to CS Active (VIL or VIHH) TcsA2csI 50 — ns Note 1: This specification by design. CS SCK SDO SDI 70 71 72 82 74 75, 76 MSb BIT6 - - - - - -1 LSb 77 MSb IN BIT6 - - - -1 LSb IN 80 83 84 73 VIH VIL VIHH VIH |