Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP4152T-502E/MS Fiches technique(PDF) 23 Page - Microchip Technology

No de pièce MCP4152T-502E/MS
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4152T-502E/MS Fiches technique(HTML) 23 Page - Microchip Technology

Back Button MCP4152T-502E/MS Datasheet HTML 19Page - Microchip Technology MCP4152T-502E/MS Datasheet HTML 20Page - Microchip Technology MCP4152T-502E/MS Datasheet HTML 21Page - Microchip Technology MCP4152T-502E/MS Datasheet HTML 22Page - Microchip Technology MCP4152T-502E/MS Datasheet HTML 23Page - Microchip Technology MCP4152T-502E/MS Datasheet HTML 24Page - Microchip Technology MCP4152T-502E/MS Datasheet HTML 25Page - Microchip Technology MCP4152T-502E/MS Datasheet HTML 26Page - Microchip Technology MCP4152T-502E/MS Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22060B-page 23
MCP413X/415X/423X/425X
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-36:
50 k
Ω – Nominal Resistance
(
Ω) vs. Ambient Temperature and V
DD.
FIGURE 2-37:
50 k
Ω – R
WB (Ω) vs. Wiper
Setting and Ambient Temperature.
49000
49500
50000
50500
51000
51500
52000
52500
-40
0
40
80
120
Ambient Temperature (°C)
2.7V
1.8V
5.5V
0
10000
20000
30000
40000
50000
60000
0
32
64
96
128 160 192 224 256
Wiper Setting (decimal)
-40°C
25°C
85°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88