Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP23S09 Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce MCP23S09
Description  8-Bit I/O Expander with Open-Drain Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S09 Fiches technique(HTML) 19 Page - Microchip Technology

Back Button MCP23S09 Datasheet HTML 15Page - Microchip Technology MCP23S09 Datasheet HTML 16Page - Microchip Technology MCP23S09 Datasheet HTML 17Page - Microchip Technology MCP23S09 Datasheet HTML 18Page - Microchip Technology MCP23S09 Datasheet HTML 19Page - Microchip Technology MCP23S09 Datasheet HTML 20Page - Microchip Technology MCP23S09 Datasheet HTML 21Page - Microchip Technology MCP23S09 Datasheet HTML 22Page - Microchip Technology MCP23S09 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
© 2009 Microchip Technology Inc.
DS22121B-page 19
MCP23009/MCP23S09
1.6.4
DEFAULT COMPARE REGISTER
FOR INTERRUPT-ON-CHANGE
The default comparison value is configured in the
DEFVAL register. If enabled (via GPINTEN and
INTCON) to compare against the DEFVAL register, an
opposite value on the associated pin will cause an
interrupt to occur.
REGISTER 1-4:
DEFVAL – DEFAULT VALUE REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
DEF7
DEF6
DEF5
DEF4
DEF3
DEF2
DEF1
DEF0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
DEF7:DEF0: Sets the compare value for pins configured for interrupt-on-change from defaults <7:0>.
Refer to INTCON.
If the associated pin level is the opposite from the register bit, an interrupt occurs.
Refer to INTCON and GPINTEN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50