Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP23S09 Fiches technique(PDF) 16 Page - Microchip Technology

No de pièce MCP23S09
Description  8-Bit I/O Expander with Open-Drain Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S09 Fiches technique(HTML) 16 Page - Microchip Technology

Back Button MCP23S09 Datasheet HTML 12Page - Microchip Technology MCP23S09 Datasheet HTML 13Page - Microchip Technology MCP23S09 Datasheet HTML 14Page - Microchip Technology MCP23S09 Datasheet HTML 15Page - Microchip Technology MCP23S09 Datasheet HTML 16Page - Microchip Technology MCP23S09 Datasheet HTML 17Page - Microchip Technology MCP23S09 Datasheet HTML 18Page - Microchip Technology MCP23S09 Datasheet HTML 19Page - Microchip Technology MCP23S09 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
MCP23009/MCP23S09
DS22121B-page 16
© 2009 Microchip Technology Inc.
1.6.1
I/O DIRECTION REGISTER
Controls the direction of the data I/O.
When a bit is set, the corresponding pin becomes an
input. When a bit is clear, the corresponding pin
becomes an output.
REGISTER 1-1:
IODIR – I/O DIRECTION REGISTER
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
IO7:IO0: Controls the direction of data I/O <7:0>
1
= Pin is configured as an input
0
= Pin is configured as an output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50