| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4541-503E/MS Fiches technique(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4541-503E/MS Fiches technique(HTML) 25 Page - Microchip Technology |
|
25 / 92 page ![]() © 2008 Microchip Technology Inc. DS22107A-page 25 MCP454X/456X/464X/466X Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-23: 10 k Ω – Low-Voltage Decrement Wiper Settling Time (VDD = 5.5V) (1 µs/Div). FIGURE 2-24: 10 k Ω – Low-Voltage Decrement Wiper Settling Time (VDD = 2.7V) (1 µs/Div). FIGURE 2-25: 10 k Ω – Power-Up Wiper Response Time (1 µs/Div). FIGURE 2-26: 10 k Ω – Low-Voltage Increment Wiper Settling Time (VDD = 5.5V) (1 µs/Div). FIGURE 2-27: 10 k Ω – Low-Voltage Increment Wiper Settling Time (VDD = 2.7V) (1 µs/Div). |