| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4541-503E/MS Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4541-503E/MS Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 92 page ![]() © 2008 Microchip Technology Inc. DS22107A-page 21 MCP454X/456X/464X/466X Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-10: 5k Ω – Nominal Resistance ( Ω) vs. Ambient Temperature and V DD. FIGURE 2-11: 5k Ω – R WB (Ω) vs. Wiper Setting and Ambient Temperature. 5050 5100 5150 5200 5250 5300 -40 0 40 80 120 Ambient Temperature (°C) 2.7V 5.5V 0 1000 2000 3000 4000 5000 6000 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -40°C 25°C 85°C 125°C |