| Moteur de recherche de fiches techniques de composants électroniques |
|
23K256T-E/ST Fiches technique(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
23K256T-E/ST Fiches technique(HTML) 12 Page - Microchip Technology |
|
12 / 26 page ![]() 23A256/23K256 DS22100D-page 12 © 2009 Microchip Technology Inc. 2.6 Write Status Register Instruction (WRSR) The Write Status Register instruction (WRSR) allows the user to write to the bits in the STATUS register as shown in Table 2-2. This allows for setting of the Device operating mode. Several of the bits in the STATUS register must be cleared to ‘0’. See Figure 2-8 for the WRSR timing sequence. FIGURE 2-8: WRITE STATUS REGISTER TIMING SEQUENCE (WRSR) 2.7 Power-On State The 23X256 powers on in the following state: • The device is in low-power Standby mode (CS = 1) • A high-to-low-level transition on CS is required to enter active state SO SI CS 9 1011 12131415 01 0 0 0 0 00 76 5 4 21 0 Instruction Data to STATUS Register High-Impedance SCK 0 2 34 56 7 18 3 |