| Moteur de recherche de fiches techniques de composants électroniques |
|
23K256T-E/ST Fiches technique(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
23K256T-E/ST Fiches technique(HTML) 23 Page - Microchip Technology |
|
23 / 26 page ![]() © 2009 Microchip Technology Inc. DS22100D-page 23 23A256/23K256 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX Package Tape & Reel Device Device: 23A256 = 23K256 = 256 Kbit, 1.8V, SPI Serial SRAM 256 Kbit, 3.6V, SPI Serial SRAM Tape & Reel: Blank = T= Standard packaging (tube) Tape & Reel Temperature Range: I= E -40 °C to+85°C -40 °C to+125°C Package: P= SN = ST = Plastic PDIP (300 mil body), 8-lead Plastic SOIC (3.90 mml body), 8-lead TSSOP, 8-lead Examples: a) 23K256-I/ST = 256 Kbit, 3.6V Serial SRAM, Industrial temp., TSSOP package b) 23A256T-I/SN = 256 Kbit, 1.8V Serial SRAM, Industrial temp., Tape & Reel, SOIC package c) 23K256-E/ST = 256 Kbit, 3.6V Serial SRAM, Automotive temp., TSSOP package – X Temp Range |