Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP3422 Fiches technique(PDF) 39 Page - Microchip Technology

No de pièce MCP3422
Description  18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3422 Fiches technique(HTML) 39 Page - Microchip Technology

Back Button MCP3422 Datasheet HTML 35Page - Microchip Technology MCP3422 Datasheet HTML 36Page - Microchip Technology MCP3422 Datasheet HTML 37Page - Microchip Technology MCP3422 Datasheet HTML 38Page - Microchip Technology MCP3422 Datasheet HTML 39Page - Microchip Technology MCP3422 Datasheet HTML 40Page - Microchip Technology MCP3422 Datasheet HTML 41Page - Microchip Technology MCP3422 Datasheet HTML 42Page - Microchip Technology MCP3422 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
© 2009 Microchip Technology Inc.
DS22088C-page 39
MCP3422/3/4
8.0
PACKAGING INFORMATION
8.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
XXXXXXXX
XXXXXNNN
YYWW
8-Lead SOIC (300 mil) (MCP3422)
3422A0E
SN^^256
0929
8-Lead MSOP (MCP3422)
Example
:
XXXXXX
YWWNNN
3422A0
929256
3
e
8-Lead DFN (2x3) (MCP3422)
Example:
XXX
YWW
NN
AGM
929
25
Example:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58