| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP3422 Fiches technique(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3422 Fiches technique(HTML) 37 Page - Microchip Technology |
|
37 / 58 page ![]() © 2009 Microchip Technology Inc. DS22088C-page 37 MCP3422/3/4 7.0 DEVELOPMENT TOOL SUPPORT 7.1 MCP3422/3/4 Evaluation Boards The Evaluation Boards for MCP3422/3/4 devices are available from Microchip Technology Inc. The boards work with Microchip’s PICkit™ Serial Analyzer. The user can simply connect any sensing voltage to the input test pads of the board and read conversion codes using the easy-to-use PICkit™ Serial Analyzer. Refer to www.microchip.com for further information on this product’s capabilities and availability. FIGURE 7-1: MCP3424 Evaluation Board. FIGURE 7-2: Setup for the MCP3424 Evaluation Board with PICkit™ Serial Analyzer. FIGURE 7-3: Example of PICkit™ Serial User Interface. USB Cable PICkit Analog Input Serial to PC MCP3424 Evaluation Board |