| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP6141T-I/ST Fiches technique(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6141T-I/ST Fiches technique(HTML) 12 Page - Microchip Technology |
|
12 / 38 page ![]() MCP6141/2/3/4 DS21668D-page 12 © 2009 Microchip Technology Inc. Note: Unless otherwise indicated, TA = +25°C, VDD = +1.4V to +5.5V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2, VL =VDD/2, RL =1MΩ to VL, CL = 60 pF, and CS is tied low. FIGURE 2-31: Large Signal Non-inverting Pulse Response. FIGURE 2-32: Chip Select (CS) to Amplifier Output Response Time (MCP6143 only). FIGURE 2-33: Input Current vs. Input Voltage (Below VSS). FIGURE 2-34: Large Signal Inverting Pulse Response. FIGURE 2-35: Internal Chip Select (CS) Hysteresis (MCP6143 only). 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 00 0111112 22 Time (200 µs/div) VDD = 5.0V G = +11 V/V RL = 50 kΩ 0.0 2.5 5.0 7.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 01234 56789 10 Time (1 ms/div) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 VDD = 5.0V G = +11 V/V VIN = +3.0V VOUT High-Z On CS On 1.E-12 1.E-11 1.E-10 1.E-09 1.E-08 1.E-07 1.E-06 1.E-05 1.E-04 1.E-03 1.E-02 -1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0 Input Voltage (V) +125°C +85°C +25°C -40°C 10m 1m 100µ 10µ 1µ 100n 10n 1n 100p 10p 1p 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 00011111222 Time (200 µs/div) VDD = 5.0V G = -10 V/V RL = 50 kΩ 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 CS Voltage (V) VOUT On VOUT High-Z VDD = 5.0V G = +11 V/V VIN = 3.0V Hysteresis CS High-to-Low CS Low-to-High |