| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP6141T-I/ST Fiches technique(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6141T-I/ST Fiches technique(HTML) 10 Page - Microchip Technology |
|
10 / 38 page ![]() MCP6141/2/3/4 DS21668D-page 10 © 2009 Microchip Technology Inc. Note: Unless otherwise indicated, TA = +25°C, VDD = +1.4V to +5.5V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2, VL =VDD/2, RL =1MΩ to VL, CL = 60 pF, and CS is tied low. FIGURE 2-19: Channel to Channel Separation vs. Frequency (MCP6142 and MCP6144 only). FIGURE 2-20: Gain Bandwidth Product, Phase Margin vs. Ambient Temperature with VDD =1.4V. FIGURE 2-21: Quiescent Current vs. Power Supply Voltage. FIGURE 2-22: Gain Bandwidth Product, Phase Margin vs. Common Mode Input Voltage. FIGURE 2-23: Gain Bandwidth Product, Phase Margin vs. Ambient Temperature with VDD =5.5V. FIGURE 2-24: Output Short Circuit Current vs. Power Supply Voltage. 80 90 100 110 120 130 140 1.E+03 1.E+04 Frequency (Hz) 1k 10k Input Referred 0 10 20 30 40 50 60 70 80 90 -50 -25 0 25 50 75 100 125 Ambient Temperature (°C) 0 10 20 30 40 50 60 70 80 90 PM (G = +10) GBWP VDD = 1.4V 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.00.5 1.01.5 2.02.5 3.03.5 4.04.5 5.05.5 Power Supply Voltage (V) TA = +125°C TA = +85°C TA = +25°C TA = -40°C 0 10 20 30 40 50 60 70 80 90 100 110 120 Common Mode Input Voltage 0 10 20 30 40 50 60 70 80 90 100 110 120 PM (G = +10) GBWP VDD = 5.0V 0 10 20 30 40 50 60 70 80 90 -50 -25 0 255075 100 125 Ambient Temperature (°C) 0 10 20 30 40 50 60 70 80 90 PM (G = +10) GBWP VDD = 5.5V 0 5 10 15 20 25 30 35 0.00.5 1.01.5 2.02.5 3.03.5 4.04.5 5.05.5 Ambient Temperature (°C) TA = -40°C TA = +25°C TA = +85°C TA = +125°C |