Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP4531-103E/MS Fiches technique(PDF) 69 Page - Microchip Technology

No de pièce MCP4531-103E/MS
Description  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4531-103E/MS Fiches technique(HTML) 69 Page - Microchip Technology

Back Button MCP4531-103E/MS Datasheet HTML 65Page - Microchip Technology MCP4531-103E/MS Datasheet HTML 66Page - Microchip Technology MCP4531-103E/MS Datasheet HTML 67Page - Microchip Technology MCP4531-103E/MS Datasheet HTML 68Page - Microchip Technology MCP4531-103E/MS Datasheet HTML 69Page - Microchip Technology MCP4531-103E/MS Datasheet HTML 70Page - Microchip Technology MCP4531-103E/MS Datasheet HTML 71Page - Microchip Technology MCP4531-103E/MS Datasheet HTML 72Page - Microchip Technology MCP4531-103E/MS Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22096A-page 69
MCP453X/455X/463X/465X
10.0
DEVELOPMENT SUPPORT
10.1
Development Tools
Several development tools are available to assist in
your design and evaluation of the MCP45XX/46XX
devices. The currently available tools are shown in
Table 10-1.
These boards may be purchased directly from the
Microchip web site at www.microchip.com.
10.2
Technical Documentation
Several additional technical documents are available to
assist you in your design and development. These
technical
documents
include
Application
Notes,
Technical Briefs, and Design Guides. Table 10-2
shows some of these documents.
TABLE 10-1:
DEVELOPMENT TOOLS
TABLE 10-2:
TECHNICAL DOCUMENTATION
Board Name
Part #
Supported Devices
MCP42XX PICTail Plus Daughter Board (2)
MCP42XXDM-PTPLS
MCP42XX
MCP4XXX Digital Potentiometer Daughter Board (1)
MCP4XXXDM-DB
MCP42XXX, MCP42XX, MCP46XX,
MCP4021, and MCP4011
8-pin SOIC/MSOP/TSSOP/DIP Evaluation Board
SOIC8EV
Any 8-pin device in DIP, SOIC,
MSOP, or TSSOP package
14-pin SOIC/MSOP/DIP Evaluation Board
SOIC14EV
Any 14-pin device in DIP, SOIC, or
MSOP package
Note 1: Requires the use of a PICDEM Demo Board (see User’s Guide for details)
2: Requires the use of the PIC24 Explorer 16 Demo Board (see User’s Guide for details)
3: The desired MCP46XX device (in MSOP package) must be soldered onto the extra board.
Application
Note Number
Title
Literature #
AN1080
Understanding Digital Potentiometers Resistor Variations
DS01080
AN737
Using Digital Potentiometers to Design Low Pass Adjustable Filters
DS00737
AN692
Using a Digital Potentiometer to Optimize a Precision Single Supply Photo Detect
DS00692
AN691
Optimizing the Digital Potentiometer in Precision Circuits
DS00691
AN219
Comparing Digital Potentiometers to Mechanical Potentiometers
DS00219
—
Digital Potentiometer Design Guide
DS22017
—
Signal Chain Design Guide
DS21825



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88