Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP4531-103E/MS Fiches technique(PDF) 67 Page - Microchip Technology

No de pièce MCP4531-103E/MS
Description  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4531-103E/MS Fiches technique(HTML) 67 Page - Microchip Technology

Back Button MCP4531-103E/MS Datasheet HTML 63Page - Microchip Technology MCP4531-103E/MS Datasheet HTML 64Page - Microchip Technology MCP4531-103E/MS Datasheet HTML 65Page - Microchip Technology MCP4531-103E/MS Datasheet HTML 66Page - Microchip Technology MCP4531-103E/MS Datasheet HTML 67Page - Microchip Technology MCP4531-103E/MS Datasheet HTML 68Page - Microchip Technology MCP4531-103E/MS Datasheet HTML 69Page - Microchip Technology MCP4531-103E/MS Datasheet HTML 70Page - Microchip Technology MCP4531-103E/MS Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22096A-page 67
MCP453X/455X/463X/465X
9.0
DEVICE OPTIONS
Additional, custom devices are available. These
devices have weak pull-up resistors on the SDA and
SCL pins. This is useful for applications where the
wiper value is programmed durning manufacture and
not modified by the system during normal operation.
Please contact your local sales office for current infor-
mation and minimum volumn requirements.
9.1
Custom Options
The custom device will have a “P” (for Pull-up) after the
resistance version in the Product Identification System.
These device will not be available through Microchip’s
online Microchip Direct nor Microchip’s Sample sys-
tems.
Example part number:
MCP4631-103PE/ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88