| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8L151C4T6 Fiches technique(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151C4T6 Fiches technique(HTML) 24 Page - STMicroelectronics |
|
24 / 101 page ![]() Pin description STM8L151xx, STM8L152xx 24/101 Doc ID 15962 Rev 2 Figure 6. STM8L151Cx 48-pin pinout (without LCD) 1. Reserved. Must be tied to VDD. Figure 7. STM8L152Cx 48-pin pinout (with LCD) 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 12 13 14 15 16 17 18 19 20 21 22 1 2 3 4 5 6 7 8 9 10 11 48 47 46 45 PA5 VSS/VSSA/VREF- NRST/PA1 PA2 PA3 PA4 PA6 PA7 VDD VDDA VREF+ PB1 PB2 PB3 PB4 PB5 PB6 PB7 PF0 PD4 PD5 PD6 PD7 PA0 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 12 13 14 15 16 17 18 19 20 21 22 1 2 3 4 5 6 7 8 9 10 11 48 47 46 45 PA5 VSS/VSSA/VREF- NRST/PA1 PA2 PA3 PA4 PA6 PA7 VDD VDDA VREF+ PB1 PB2 PB3 PB4 PB5 PB6 PB7 PF0 PD4 PD5 PD6 PD7 PA0 |