Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8L151C4T6 Fiches technique(PDF) 59 Page - STMicroelectronics

No de pièce STM8L151C4T6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4T6 Fiches technique(HTML) 59 Page - STMicroelectronics

Back Button STM8L151C4T6 Datasheet HTML 55Page - STMicroelectronics STM8L151C4T6 Datasheet HTML 56Page - STMicroelectronics STM8L151C4T6 Datasheet HTML 57Page - STMicroelectronics STM8L151C4T6 Datasheet HTML 58Page - STMicroelectronics STM8L151C4T6 Datasheet HTML 59Page - STMicroelectronics STM8L151C4T6 Datasheet HTML 60Page - STMicroelectronics STM8L151C4T6 Datasheet HTML 61Page - STMicroelectronics STM8L151C4T6 Datasheet HTML 62Page - STMicroelectronics STM8L151C4T6 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 101 page
background image
STM8L151xx, STM8L152xx
Electrical parameters
Doc ID 15962 Rev 2
59/101
8.3.2
Power-up / power-down operating conditions
Table 16.
Operating conditions at power-up / power-down (1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tVDD
VDD rise time rate
0(2)
∞
µs/V
VDD fall time rate
0(2)
∞
tTEMP
Reset release delay
VDD rising
TBD
TBD
ms
VPDR
Power-down reset threshold
Falling edge
TBD
1.5
TBD
V
VBOR0
Brown-out reset threshold 0
(BOR_TH[2:0]=000)
Falling edge
TBD
1.7
TBD
Rising edge
TBD
1.76
TBD
VBOR1
Brown-out reset threshold 1
(BOR_TH[2:0]=001)
Falling edge
TBD
1.93
TBD
Rising edge
TBD
2.03
TBD
VBOR2
Brown-out reset threshold 2
(BOR_TH[2:0]=010)
Falling edge
TBD
2.30
TBD
Rising edge
TBD
2.41
TBD
VBOR3
Brown-out reset threshold 3
(BOR_TH[2:0]=011)
Falling edge
TBD
2.55
TBD
Rising edge
TBD
2.66
TBD
VBOR4
Brown-out reset threshold 4
(BOR_TH[2:0]=100)
Falling edge
TBD
2.80
TBD
Rising edge
TBD
2.90
TBD
VPVD0
PVD threshold 0
Falling edge
TBD
1.85
TBD
Rising edge
TBD
1.94
TBD
VPVD1
PVD threshold 1
Falling edge
TBD
2.04
TBD
Rising edge
TBD
2.14
TBD
VPVD2
PVD threshold 2
Falling edge
TBD
2.24
TBD
Rising edge
TBD
2.34
TBD
VPVD3
PVD threshold 3
Falling edge
TBD
2.44
TBD
Rising edge
TBD
2.54
TBD
VPVD4
PVD threshold 4
Falling edge
TBD
2.64
TBD
Rising edge
TBD
2.74
TBD
VPVD5
PVD threshold 5
Falling edge
TBD
2.83
TBD
Rising edge
TBD
2.94
TBD
VPVD6
PVD threshold 6
Falling edge
TBD
3.05
TBD
Rising edge
TBD
3.15
TBD
1.
Based on characterization results, unless otherwise specified.
2.
Guaranteed by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More