Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F102C4 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce STM32F102C4
Description  Low-density USB access line, ARM-based 32-bit MCU with 16/32 KB Flash, USB FS interface, 5 timers, ADC & 5 communication interfaces
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102C4 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button STM32F102C4 Datasheet HTML 18Page - STMicroelectronics STM32F102C4 Datasheet HTML 19Page - STMicroelectronics STM32F102C4 Datasheet HTML 20Page - STMicroelectronics STM32F102C4 Datasheet HTML 21Page - STMicroelectronics STM32F102C4 Datasheet HTML 22Page - STMicroelectronics STM32F102C4 Datasheet HTML 23Page - STMicroelectronics STM32F102C4 Datasheet HTML 24Page - STMicroelectronics STM32F102C4 Datasheet HTML 25Page - STMicroelectronics STM32F102C4 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
Memory mapping
STM32F102x4, STM32F102x6
22/69
Doc ID 15057 Rev 3
4
Memory mapping
The memory map is shown in Figure 5.
Figure 5.
Memory map
APB memory space
DMA
RTC
WWDG
IWDG
USART2
ADC1
USART1
SPI
EXTI
RCC
0
1
2
3
4
5
6
7
Peripherals
SRAM
reserved
reserved
Option Bytes
Reserved
0x4000 0000
0x4000 0400
0x4000 0800
0x4000 2800
0x4000 2C00
0x4000 3000
0x4000 3400
0x4000 4400
0x4000 4800
0x4000 5400
0x4000 5800
0x4000 5C00
0x4000 6000
0x4000 6400
0x4000 6C00
0x4000 7000
0x4000 7400
0x4001 0000
0x4001 0400
0x4001 0800
0x4001 0C00
0x4001 1000
0x4001 1400
0x4001 1800
0x4001 2400
0x4001 2800
0x4001 2C00
0x4001 3000
0x4001 3400
0x4001 3800
0x4001 3C00
0x4002 0000
0x4002 0400
0x4002 1000
0x4002 1400
0x4002 2000
0x4002 2400
0x4002 3000
0x4002 3400
0xE010 0000
0xFFFF FFFF
reserved
reserved
CRC
reserved
reserved
Flash interface
reserved
reserved
reserved
reserved
reserved
reserved
Port D
Port C
Port B
Port A
AFIO
PWR
BKP
reserved
512 byte USB SRAM
USB registers
I2C
reserved
reserved
reserved
TIM3
TIM2
0xFFFF FFFF
0xE010 0000
0xE000 0000
0xC000 0000
0xA000 0000
0x8000 0000
0x6000 0000
0x4000 0000
0x2000 0000
0x0000 0000
0x1FFF FFFF
0x1FFF F80F
0x1FFF F800
0x1FFF F000
0x0800 FFFF
0x0800 0000
System memory
Flash memory
Cortex-M3 internal
peripherals
ai15454b
0x2000 17FF
0xE000 0000
Cortex-M3 internal
peripherals
0x0000 0000
Aliased to Flash or
system memory
depending on
BOOT pins
reserved
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69