| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F102C4 Fiches technique(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F102C4 Fiches technique(HTML) 20 Page - STMicroelectronics |
|
20 / 69 page ![]() Pinouts and pin description STM32F102x4, STM32F102x6 20/69 Doc ID 15057 Rev 3 21 29 PB10 I/O FT PB10 (8) TIM2_CH3 22 30 PB11 I/O FT PB11 (8) TIM2_CH4 23 31 VSS_1 SVSS_1 24 32 VDD_1 SVDD_1 25 33 PB12 I/O FT PB12 (8) 26 34 PB13 I/O FT PB13 27 35 PB14 I/O FT PB14 28 36 PB15 I/O FT PB15 - 37 PC6 I/O FT PC6 TIM3_CH1 - 38 PC7 I/O FT PC7 TIM3_CH2 - 39 PC8 I/O FT PC8 TIM3_CH3 - 40 PC9 I/O FT PC9 TIM3_CH4 29 41 PA8 I/O FT PA8 USART1_CK/MCO 30 42 PA9 I/O FT PA9 USART1_TX(8) 31 43 PA10 I/O FT PA10 USART1_RX(8) 32 44 PA11 I/O FT PA11 USART1_CTS/USBDM 33 45 PA12 I/O FT PA12 USART1_RTS/USBDP 34 46 PA13 I/O FT JTMS-SWDIO PA13 35 47 VSS_2 SVSS_2 36 48 VDD_2 SVDD_2 37 49 PA14 I/O FT JTCK/SWCLK PA14 38 50 PA15 I/O FT JTDI TIM2_CH1_ETR/ PA15 /SPI_NSS - 51 PC10 I/O FT PC10 - 52 PC11 I/O FT PC11 - 53 PC12 I/O FT PC12 - 54 PD2 I/O FT PD2 39 55 PB3 I/O FT JTDO TIM2_CH2/ PB3/ TRACESWO/ SPI_SCK 40 56 PB4 I/O FT JNTRST TIM3_CH1 / PB4 SPI_MISO 41 57 PB5 I/O PB5 I2C_SMBA TIM3_CH2 / SPI_MOSI Table 4. low-density STM32F102xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(3) (4) Default Remap |