Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7263BEx Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce ST7263BEx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BEx Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button ST7263BEx Datasheet HTML 15Page - STMicroelectronics ST7263BEx Datasheet HTML 16Page - STMicroelectronics ST7263BEx Datasheet HTML 17Page - STMicroelectronics ST7263BEx Datasheet HTML 18Page - STMicroelectronics ST7263BEx Datasheet HTML 19Page - STMicroelectronics ST7263BEx Datasheet HTML 20Page - STMicroelectronics ST7263BEx Datasheet HTML 21Page - STMicroelectronics ST7263BEx Datasheet HTML 22Page - STMicroelectronics ST7263BEx Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 186 page
background image
ST7263Bxx
Pin description
Doc ID 7516 Rev 8
19/186
31 33
5
4
USBVCC(2)
O
USB power supply 2)
32 34
6
5
VDDA
S
Analog supply voltage
1.
Port D functions are not available on the 8 Kbyte version of the QFN40 package (ST7263BK2) and should not be
connected.
2.
The drive from USBVcc is sufficient to only drive an external pull-up in addition to the internal transceiver.
Table 3.
Device pin description (QFN40, LQFP48, SO34 and SDIP32) (continued)
Pin n°
Pin name
Level
Port /control
Main
function
(after
reset)
Alternate function
Input
Output
Table 4.
Device pin description (SO24)
Pin n°
Pin name
Level
Port /control
Main
function
(after
reset)
Alternate function
Input
Output
1VDD
S
Power supply voltage (4- 5.5 V)
2
OSCOUT
O
Oscillator output
3
OSCIN
I
Oscillator input
4VSS
S
Digital ground
5
PC1/TDO
I/O
CT
X
X
Port C1
SCI Transmit Data
output
6
PC0/RDI
I/O
CT
X
X
Port C0
SCI Receive Data input
7
RESET
I/O
X
X
Reset
8
PB6/IT7
I/O
CT 10mA
X
X
X
X
Port B6
9VPP/TEST
S
Programming supply
10
PB3
I/O
CT 10mA
X
X
X
Port B3
11
PB2
I/O
CT 10mA
X
X
X
Port B2
12
PB1/USBOE
I/O
CT 10mA
X
X
X
Port B1
USB output Enable
13
PB0
I/O
CT 10mA
X
X
X
Port B0
14
PA7/OCMP2/IT4
I/O
CT
X
X
X
Port A7
Timer output Compare
2
15
PA5/ICAP2/IT2
I/O
CT
X
X
X
Port A5
Timer input Capture 2
16
PA4/ICAP1/IT1
I/O
CT
X
X
X
Port A4
Timer input Capture 1
17
PA3/EXTCLK
I/O
CT
X
X
Port A3
Timer External clock
18
PA2/SCL/
ICCCLK
I/O
CT 25mA X
T
Port A2
I²C serial clock,
ICC clock
19
PA1/SDA/ICCDATA
I/O
CT 25mA
X
T
Port A1
I²C serial data, ICC
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More