Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7263BEx Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce ST7263BEx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BEx Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button ST7263BEx Datasheet HTML 11Page - STMicroelectronics ST7263BEx Datasheet HTML 12Page - STMicroelectronics ST7263BEx Datasheet HTML 13Page - STMicroelectronics ST7263BEx Datasheet HTML 14Page - STMicroelectronics ST7263BEx Datasheet HTML 15Page - STMicroelectronics ST7263BEx Datasheet HTML 16Page - STMicroelectronics ST7263BEx Datasheet HTML 17Page - STMicroelectronics ST7263BEx Datasheet HTML 18Page - STMicroelectronics ST7263BEx Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 186 page
background image
ST7263Bxx
Pin description
Doc ID 7516 Rev 8
15/186
Figure 3.
40-lead QFN package pinout
1.
Port D functions are not available on the 8 Kbyte version of the QFN40 package (ST7263BK2) and should
not be connected.
4
3
5
6
7
8
9
10
11
12
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
37
38
39
40
2
1
35
36
13
14
VDDA
VDD
OSCOUT
OSCIN
VSS
VSSA
USBDP
USBDM
USBVCC
PA7/OCMP2/IT4
PB0(10mA)/AIN0
PB1(10mA)/AIN1
PB2(10mA)/AIN2
PB3(10mA)/AIN3
PB4(10mA)/AIN4/IT5
PA3/EXTCLK
PA4/ICAP1/IT1
PA5/ICAP2/IT2
PA6/OCMP1/IT3
PA0/MCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More