| Moteur de recherche de fiches techniques de composants électroniques |
|
AS161F014/XT Fiches technique(PDF) 8 Page - Austin Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS161F014/XT Fiches technique(HTML) 8 Page - Austin Semiconductor |
|
8 / 8 page ![]() V V V V VOL OL OL OL OLT TT T TA A A A AGE GE GE GE GE COMP COMP COMP COMP COMPARA ARA ARA ARA ARAT TT T TOR OR OR OR OR AS161 AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice. 8 AS161 Rev. 0.3 6/05 Austin Semiconductor, Inc. *AVAILABLE PROCESSES XT = Extended Temperature Range -55oC to +125oC MIL = /883 equivalent processing compliant to paragraph 1.2.2 -55oC to +125oC ORDERING INFORMATION EXAMPLE: AS161C014/MIL Device Number Package Type Process AS161 C014 /* EXAMPLE: AS161F014/MIL Device Number Package Type Process AS161 F014 /* EXAMPLE: AS161T010/MIL Device Number Package Type Process AS161 T010 /* |