Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS161F014/XT Fiches technique(PDF) 5 Page - Austin Semiconductor

No de pièce AS161F014/XT
Description  High Speed Differential Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUSTIN [Austin Semiconductor]
Site Internet  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS161F014/XT Fiches technique(HTML) 5 Page - Austin Semiconductor

  AS161F014/XT Datasheet HTML 1Page - Austin Semiconductor AS161F014/XT Datasheet HTML 2Page - Austin Semiconductor AS161F014/XT Datasheet HTML 3Page - Austin Semiconductor AS161F014/XT Datasheet HTML 4Page - Austin Semiconductor AS161F014/XT Datasheet HTML 5Page - Austin Semiconductor AS161F014/XT Datasheet HTML 6Page - Austin Semiconductor AS161F014/XT Datasheet HTML 7Page - Austin Semiconductor AS161F014/XT Datasheet HTML 8Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
V
V
V
V
VOL
OL
OL
OL
OLT
TT
T
TA
A
A
A
AGE
GE
GE
GE
GE
COMP
COMP
COMP
COMP
COMPARA
ARA
ARA
ARA
ARAT
TT
T
TOR
OR
OR
OR
OR
AS161
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
5
AS161
Rev. 0.3 6/05
Austin Semiconductor, Inc.
Package Designator C014
MECHANICAL DEFINITIONS*
*All measurements are in inches.
MIN
MAX
A
---
0.200
b
0.014
0.026
b2
0.045
0.065
c
0.008
0.018
D
---
0.785
E
0.220
0.310
e
eA
L
0.125
0.200
Q
0.015
0.060
S1
0.005
---
S2
0.005
---
SYMBOL
ASI SPECIFICATIONS
0.100 BCS
0.300 BSC



Html Pages

1 2 3 4 5 6 7 8