Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2840 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2840
Description  150 MHz differential lowpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2840 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2840 Datasheet HTML 1Page - KR Electronics, Inc. 2840 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S 12
log MAG
10 dB/
REF 0 dB
CH1 START
1.000 000 MHz
STOP 750.000 000 MHz
Cor
PRm
18 Jun 2008 10:31:40
KR Electronics
KR 2840 is a 150 MHz differential lowpass filter. The filter is
designed for 100
Ω source and load impedance. Other frequen-
cies and impedances are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• Differential Lowpass Filter
• 100 Ω
• DIP Package
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response


Numéro de pièce similaire - 2840

FabricantNo de pièceFiches techniqueDescription
logo
Heyco.
2840 HEYCO-2840 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
logo
Alpha Wire
2840/7 ALPHAWIRE-2840/7 Datasheet
98Kb / 4P
Customer Specification
2/23/2023
logo
STEGO Elektrotechnik Gm...
28400.0-00 STEGO-28400.0-00 Datasheet
226Kb / 1P
PRESSURE COMPENSATION DEVICE
24.02.2022
28400.0-01 STEGO-28400.0-01 Datasheet
226Kb / 1P
PRESSURE COMPENSATION DEVICE
24.02.2022
28400.0-04 STEGO-28400.0-04 Datasheet
226Kb / 1P
PRESSURE COMPENSATION DEVICE
24.02.2022
More results

Description similaire - 2840

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2788 KR-2788 Datasheet
58Kb / 2P
85 MHz differential lowpass filter
2403-S KR-2403-S Datasheet
42Kb / 3P
60 MHz Lowpass Filter
2978 KR-2978 Datasheet
95Kb / 3P
150 MHz Lowpass Filter
3007 KR-3007 Datasheet
91Kb / 3P
430 MHz Lowpass Filter
3007-SMA KR-3007-SMA Datasheet
65Kb / 3P
430 MHz Lowpass Filter
3018-2 KR-3018-2 Datasheet
52Kb / 3P
30 MHz Lowpass Filter
3153-SMA KR-3153-SMA Datasheet
80Kb / 3P
615 MHz Lowpass Filter
3202-2-BNC KR-3202-2-BNC Datasheet
57Kb / 3P
2 MHz Lowpass Filter
3253-201-LP-SMA KR-3253-201-LP-SMA Datasheet
82Kb / 3P
201 MHz Lowpass Filter
3271-BNC KR-3271-BNC Datasheet
50Kb / 3P
1 MHz Lowpass Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com