Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2811 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2811
Description  155 MHz bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2811 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2811 Datasheet HTML 1Page - KR Electronics, Inc. 2811 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S 21
log MAG
1 dB/
REF 0 dB
CENTER 155.000 000 MHz
SPAN 100.000 000 MHz
Cor
PRm
CH2
S 21
delay
REF 0 s
10 ns/
Cor
PRm
12 Jan 2008 12:06:03
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
CH1 START
1.000 000 MHz
STOP 3 000.000 000 MHz
Cor
PRm
12 Jan 2008 12:00:26
KR Electronics
KR 2811 is a 155 MHz bandpass filter. The filter has a typical
3 dB bandwidth of 95 MHz. Other center frequencies and band-
widths available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
155 MHz Center Frequency
50 Ω Source and Load
SMA Connectors
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div & 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2811

FabricantNo de pièceFiches techniqueDescription
logo
Alpha Wire
2811 ALPHAWIRE-2811 Datasheet
98Kb / 4P
Customer Specification
1/19/2023
logo
Heyco.
2811 HEYCO-2811 Datasheet
102Kb / 1P
Shorty Bushings
2811 HEYCO-2811 Datasheet
117Kb / 1P
Thin Panel Bushings
logo
Alpha Wire
2811/2 ALPHAWIRE-2811/2 Datasheet
98Kb / 4P
Customer Specification
12/13/2022
2811/3 ALPHAWIRE-2811/3 Datasheet
99Kb / 4P
Customer Specification
1/19/2023
More results

Description similaire - 2811

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
RF Monolithics, Inc
SF2289C RFM-SF2289C Datasheet
216Kb / 4P
155 MHz SAW Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
Murata Manufacturing Co...
SF2289C MURATA-SF2289C Datasheet
216Kb / 4P
155 MHz SAW Filter
logo
KR Electronics, Inc.
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3259-200-SMA KR-3259-200-SMA Datasheet
142Kb / 3P
200 MHz Bandpass Filter
3277-SMA KR-3277-SMA Datasheet
100Kb / 3P
70 MHz Bandpass Filter
3299-SMA KR-3299-SMA Datasheet
85Kb / 3P
530 MHz Bandpass Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com