Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2806 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2806
Description  85 MHz lowpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2806 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2806 Datasheet HTML 1Page - KR Electronics, Inc. 2806 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S 21
log MAG
1 dB/
REF 0 dB
START
.100 000 MHz
STOP 85.000 000 MHz
Cor
PRm
CH2
S 11
SWR
REF 1
200 m /
Cor
PRm
7 Jan 2008 12:18:05
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
CH1 START
1.000 000 MHz
STOP 1 000.000 000 MHz
Cor
PRm
7 Jan 2008 12:20:29
KR Electronics
KR 2806 is a 85 MHz lowpass filter. The filter has a minimum
2 dB bandwidth of 85 MHz. Other center frequencies and band-
widths available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• Sharp Transition to Stopband
• >30 dB Stopband
• 50 Ω Source and Load
• SMA Connectors
Typical Performance
www.krfilters.com
Passband Amplitude & VSWR
(1 dB/div & 0.20/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2806

FabricantNo de pièceFiches techniqueDescription
logo
Systemsensor advanced i...
2806 SYSTEMSENSOR-2806 Datasheet
498Kb / 2P
4/6 Wire Ststems Dectectors
logo
Emcore Corporation
2806 EMCORE-2806 Datasheet
325Kb / 2P
77 Channel CATV Limited Distance Solution (LDS)
logo
PHOENIX CONTACT
2806 PHOENIX-2806 Datasheet
736Kb / 7P
FL SWITCH SFN(T)
logo
Heyco.
2806 HEYCO-2806 Datasheet
102Kb / 1P
Shorty Bushings
logo
ASSUN MOTOR Pte Ltd.
2806 ASSUN-2806 Datasheet
285Kb / 1P
METAL Brush
2023-A
More results

Description similaire - 2806

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2788 KR-2788 Datasheet
58Kb / 2P
85 MHz differential lowpass filter
2403-S KR-2403-S Datasheet
42Kb / 3P
60 MHz Lowpass Filter
2978 KR-2978 Datasheet
95Kb / 3P
150 MHz Lowpass Filter
3007 KR-3007 Datasheet
91Kb / 3P
430 MHz Lowpass Filter
3007-SMA KR-3007-SMA Datasheet
65Kb / 3P
430 MHz Lowpass Filter
3018-2 KR-3018-2 Datasheet
52Kb / 3P
30 MHz Lowpass Filter
3153-SMA KR-3153-SMA Datasheet
80Kb / 3P
615 MHz Lowpass Filter
3202-2-BNC KR-3202-2-BNC Datasheet
57Kb / 3P
2 MHz Lowpass Filter
3253-201-LP-SMA KR-3253-201-LP-SMA Datasheet
82Kb / 3P
201 MHz Lowpass Filter
3271-BNC KR-3271-BNC Datasheet
50Kb / 3P
1 MHz Lowpass Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com