| Moteur de recherche de fiches techniques de composants électroniques |
|
STA2500DTR Fiches technique(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA2500DTR Fiches technique(HTML) 47 Page - STMicroelectronics |
|
47 / 57 page ![]() STA2500D Digital interfaces Doc ID 16067 Rev 1 47/57 7.6 The I2C interface The I2C interface is used to access I2C peripherals. The interface is a fast Master I2C; it has full control of the interface at all times. I2C Slave functionality is not supported. BT_PCM_B PCM_B PCM_B PCM_B PCM_B BT_GPIO_0 I2C_CLK WLAN1 WLAN1 WLAN1 BT_CLK_REQ_IN_1 I2C_DAT WLAN2 WLAN2 I2C_DAT BT_CLK_REQ_IN_2 GPIO_2 WLAN3 WLAN3 WLAN3 BT_HOST_WAKEUP/BT_SPI _INT HOST_WAKEUP WLAN4 SPI_INT SPI_INT BT_GPIO_11 ANT_SWITCH ANT_SWITCH ANT_SWITCH WLAN2 BT_GPIO_9 PA_LEVEL2 PA_LEVEL2 PA_LEVEL2 PA_LEVEL2 BT_GPIO_10 PA_LEVEL1 PA_LEVEL1 PA_LEVEL1 PA_LEVEL1 BT_GPIO_8 RX_ENABLE RX_ENABLE RX_ENABLE RX_ENABLE BT_GPIO_16 PA_ENABLE PA_ENABLE PA_ENABLE PA_ENABLE BT_CLK_REQ_OUT_1 CLK_REQ_OUT_1 CLK_REQ_OUT_1 CLK_REQ_OUT_1 CLK_REQ_OUT_1 BT_CLK_REQ_OUT_2 NA NA WLAN4 IC2_CLK Table 29. Examples of BT_GPIO pin programming (continued) STA2500D Pin Name ex. 1 ex. 2 ex. 3 ex. 4 |