Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA2500DTR Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce STA2500DTR
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500DTR Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button STA2500DTR Datasheet HTML 36Page - STMicroelectronics STA2500DTR Datasheet HTML 37Page - STMicroelectronics STA2500DTR Datasheet HTML 38Page - STMicroelectronics STA2500DTR Datasheet HTML 39Page - STMicroelectronics STA2500DTR Datasheet HTML 40Page - STMicroelectronics STA2500DTR Datasheet HTML 41Page - STMicroelectronics STA2500DTR Datasheet HTML 42Page - STMicroelectronics STA2500DTR Datasheet HTML 43Page - STMicroelectronics STA2500DTR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
General specification
STA2500D
40/57
Doc ID 16067 Rev 1
6.13.5
Algorithm 5: Alternating wireless medium access (AWMA)
AWMA utilizes a portion of the WLAN beacon interval for Bluetooth operations. From a
timing perspective, the medium assignment alternates between usage following WLAN
procedures and usage following Bluetooth procedures.
The timing synchronization between the WLAN and the STA2500D is done by the HW signal
MEDIUM_FREE.
Table 25.
WLAN HW signal assignment
WLAN control
signal
(see also
Table 29)
Scenario 1:
PTA
Scenario 2:
WLAN master
Scenario 3:
BT master
Scenario 4:2-wire
Scenario 5:
AWMA
WLAN 1
RF_CONFIRM
BT_RF_NOT_
ALLOWED
Not used
BT_RF_NOT_
ALLOWED
MEDIUM_F
REE
WLAN 2
RF_REQUEST
Not used
WLAN_RF_NOT_
ALLOWED
WLAN_RF_NOT_
ALLOWED
Not used
WLAN 3
STATUS
Not used
Not used
Not used
Not used
WLAN 4
FREQ
(optional)
Not used
Not used
Not used
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57