Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XC6216DC01PR Fiches technique(PDF) 18 Page - Torex Semiconductor

No de pièce XC6216DC01PR
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOREX [Torex Semiconductor]
Site Internet  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216DC01PR Fiches technique(HTML) 18 Page - Torex Semiconductor

Back Button XC6216DC01PR Datasheet HTML 14Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 15Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 16Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 17Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 18Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 19Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 20Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 21Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 22Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
18/43
XC6216/XE6216 Series
SYMBOL
E-1-1
E-1-2
E-2-1
E-2-2
E-3-1
E-3-2
Temperature
/ Ta
25℃
-40~85℃
25℃
-40~85℃
25℃
-40~85℃
PARAMETER
NOMINAL
OUTPUT
VOLTAGE
LOAD
REGULATION
(mV)
LOAD
REGULATION
(mV)
DROPOUT VOLTAGE 1
(mV)
IOUT=20mA
DROPOUT VOLTAGE 1
(mV)
IOUT=20mA
DROPOUT VOLTAGE 2
(mV)
IOUT=100mA
DROPOUT VOLTAGE 2
(mV)
IOUT=100mA
ΔVOUT
ΔVOUT
Vdif1
Vdif1
Vdif2
Vdif2
VOUT(T)
(V)
TYP. MAX. TYP. MAX.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
5.0
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0
6.1
6.2
6.3
6.4
190
280
190
380
1000
1300
1000
1730
6.5
6.6
6.7
6.8
6.9
7.0
50
90
50
103
7.1
7.2
7.3
7.4
7.5
7.6
7.7
7.8
7.9
8.0
110
140
110
150
170
230
170
340
800
1150
800
1580
■
ELECTRICAL CHARACTERISTICS (Continued)
●
Voltage Chart 4 (XE6216 Series)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com