Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XC6216DC01PR Fiches technique(PDF) 12 Page - Torex Semiconductor

No de pièce XC6216DC01PR
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOREX [Torex Semiconductor]
Site Internet  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216DC01PR Fiches technique(HTML) 12 Page - Torex Semiconductor

Back Button XC6216DC01PR Datasheet HTML 8Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 9Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 10Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 11Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 12Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 13Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 14Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 15Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 16Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
12/43
XC6216/XE6216 Series
E-0
E-1
E-2
PARAMETER
NOMINAL
OUTPUT
VOLTAGE
OUTPUT VOLTAGE
(V)
2% ACCURACY
OUTPUT VOLTAGE
(V)
1% ACCURACY
DROPOUT VOLTAGE 1
(mV)
IOUT=20mA
DROPOUT VOLTAGE 2
(mV)
IOUT=100mA
VOUT
VOUT
Vdif1
Vdif2
VOUT(T)
(V)
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
8.1
7.938
8.262
8.019
8.181
130
190
700
950
8.2
8.036
8.364
8.118
8.282
130
190
700
950
8.3
8.134
8.466
8.217
8.383
130
190
700
950
8.4
8.232
8.568
8.316
8.484
130
190
700
950
8.5
8.330
8.670
8.415
8.585
130
190
700
950
8.6
8.428
8.772
8.514
8.686
130
190
700
950
8.7
8.526
8.874
8.613
8.787
130
190
700
950
8.8
8.624
8.976
8.712
8.888
130
190
700
950
8.9
8.722
9.078
8.811
8.989
130
190
700
950
9.0
8.820
9.180
8.910
9.090
130
190
700
950
9.1
8.918
9.282
9.009
9.191
130
190
700
950
9.2
9.016
9.384
9.108
9.292
130
190
700
950
9.3
9.114
9.486
9.207
9.393
130
190
700
950
9.4
9.212
9.588
9.306
9.494
130
190
700
950
9.5
9.310
9.690
9.405
9.595
130
190
700
950
9.6
9.408
9.792
9.504
9.696
130
190
700
950
9.7
9.506
9.894
9.603
9.797
130
190
700
950
9.8
9.604
9.996
9.702
9.898
130
190
700
950
9.9
9.702
10.098
9.801
9.999
130
190
700
950
10.0
9.800
10.200
9.900
10.100
130
190
700
950
10.1
9.898
10.302
9.999
10.201
120
160
650
850
10.2
9.996
10.404
10.098
10.302
120
160
650
850
10.3
10.094
10.506
10.197
10.403
120
160
650
850
10.4
10.192
10.608
10.296
10.504
120
160
650
850
10.5
10.290
10.710
10.395
10.605
120
160
650
850
10.6
10.388
10.812
10.494
10.706
120
160
650
850
10.7
10.486
10.914
10.593
10.807
120
160
650
850
10.8
10.584
11.016
10.692
10.908
120
160
650
850
10.9
10.682
11.118
10.791
11.009
120
160
650
850
11.0
10.780
11.220
10.890
11.110
120
160
650
850
11.1
10.878
11.322
10.989
11.211
120
160
650
850
11.2
10.976
11.424
11.088
11.312
120
160
650
850
11.3
11.074
11.526
11.187
11.413
120
160
650
850
11.4
11.172
11.628
11.286
11.514
120
160
650
850
11.5
11.270
11.730
11.385
11.615
120
160
650
850
11.6
11.368
11.832
11.484
11.716
120
160
650
850
11.7
11.466
11.934
11.583
11.817
120
160
650
850
11.8
11.564
12.036
11.682
11.918
120
160
650
850
11.9
11.662
12.138
11.781
12.019
120
160
650
850
12.0
11.760
12.240
11.880
12.120
120
160
650
850
■
ELECTRICAL CHARACTERISTICS (Continued)
●
Voltage Chart (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com