Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XC6216BC01PR Fiches technique(PDF) 40 Page - Torex Semiconductor

No de pièce XC6216BC01PR
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOREX [Torex Semiconductor]
Site Internet  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216BC01PR Fiches technique(HTML) 40 Page - Torex Semiconductor

Back Button XC6216BC01PR Datasheet HTML 35Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 36Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 37Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 38Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 39Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 40Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 41Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 42Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 43Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
40/43
XC6216/XE6216 Series
●
SOT-223 Power Dissipation
Board Mount (Tj max = 125℃)
Ambient Temperature(℃)
Power Dissipation Pd(mW)
Thermal Resistance (℃/W)
25
1500
85
600
66.67
Pd-Ta特性グラフ
0
200
400
600
800
1000
1200
1400
1600
25
45
65
85
105
125
周辺温度Ta(℃)
Power dissipation data for the SOT-223 is shown in this page.
The value of power dissipation varies with the mount board conditions.
Please use this data as one of reference data taken in the described condition.
1.
Measurement Condition (Reference data)
Condition:
Mount on a board
Ambient:
Natural convection
Soldering:
Lead (Pb) free
Board:
Dimensions 40 x 40 mm (1600 mm
2 in one side)
Copper (Cu) traces occupy 50% of the board area
In top and back faces
Package heat-sink is tied to the copper traces
Material:
Glass Epoxy (FR-4)
Thickness:
1.6 mm
Through-hole:
4 x 0.8 Diameter
Evaluation Board (Unit: mm)
2. Power Dissipation vs. Operating temperature
Pd vs. Ta
Ambient Temperature Ta (℃)
■
PACKAGING INFORMATION (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com