Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XC6216BC01PR Fiches technique(PDF) 7 Page - Torex Semiconductor

No de pièce XC6216BC01PR
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOREX [Torex Semiconductor]
Site Internet  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216BC01PR Fiches technique(HTML) 7 Page - Torex Semiconductor

Back Button XC6216BC01PR Datasheet HTML 3Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 4Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 5Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 6Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 7Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 8Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 9Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 10Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
7/43
XC6216/XE6216
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Output Voltage
VOUT(E)
IOUT=20mA, VCE=VIN
E-0
V
①
VIN=VOUT(T)+3.0V, VCE=VIN
(VOUT(T)≧3.0V)
150
-
-
mA
①
Maximum Output Current
IOUTMAX
VIN=VOUT(T)+3.0V, VCE=VIN
(VOUT(T)<3.0V)
100
-
-
mA
①
VIN=VOUT(T)+2.0V,
1mA≦IOUT≦50mA, VCE=VIN,
(2.0V≦VOUT(T)≦7.0V)
-
50
90
mV
①
Load Regulation
△
VOUT
VIN=VOUT(T)+2.0V,
1mA≦IOUT≦50mA, VCE=VIN,
(7.1V≦VOUT(T)≦12.0V)
-
110
140
mV
①
Dropout Voltage 1
Vdif1
IOUT=20mA, VCE=VIN
E-1
mV
①
IOUT=100mA,
VIN = VOUT(T)+3.0V, VCE=VIN
(VOUT(T)<3.0V)
Dropout Voltage 2
Vdif2
IOUT=100mA, VCE=VIN
(VOUT(T)<3.0V)
E-2
mV
①
Supply Current
ISS
VCE=VIN
1
5
9
μ
A
②
Stand-by Current
Istby
VCE=VSS
-
0.01
0.10
μ
A
②
Line Regulation 1
△
VOUT /
△
VIN・VOUT(T)
VOUT(T)+2.0V≦VIN≦28.0V
IOUT=5mA, VCE=VIN
0.01
0.05
0.10
%/V
①
Line Regulation 2
△
VOUT /
△
VIN・VOUT(T)
VOUT(T)+2.0V≦VIN≦28.0V
IOUT=13mA, VCE=VIN
0.03
0.15
0.30
%/V
①
Input Voltage
VIN
2.0
-
28.0
V
-
Output Voltage
Temperature Characteristics
△
VOUT /
△
Ta・
VOUT(T)
IOUT=20mA, VCE=VIN
-40℃≦Ta≦85℃
-
±
100
-
ppm/℃
①
Ripple Rejection Rate
PSRR
VIN=[VOUT(T)+2.0]V+0.5Vp-pAC
IOUT=20mA, f=1kHz, VCE=VIN
-
30
-
dB
③
Short Current
Ishort
VIN=VOUT(T)+2.0V, VCE=VIN
-
30
-
mA
①
CE ”H” Level Voltage
VCEH
VIN=28.0V
1.1
-
28.0
V
①
CE ”L” Level Voltage
VCEL
VIN=28.0V
0
-
0.35
V
①
CE ”H” Level Current
ICEH
VIN=VCE=28.0V
-0.1
-
0.1
μ
A
①
CE ”L” Level Current
ICEL
VIN=28.0V, VCE=VSS
-0.1
-
0.1
μ
A
①
Thermal Shutdown
Detect Temperature
TTSD
Junction Temperature
-
150
-
℃
①
Thermal Shutdown
Release Temperature
TTSR
Junction Temperature
-
125
-
℃
①
Hysteresis Width
TTSD-TTSR
Junction Temperature
-
25
-
℃
-
NOTE:
*1: VOUT(T): Nominal output voltage
*2: VOUT(E): Effective output voltage
(i.e. the output voltage when “VOUT(T)+2.0V” is provided at the VIN pin while maintaining a certain IOUT value.)
*3: Vdif={VIN1
{Note 5} - VOUT1 {Note 4}}
*4: VOUT1: VOUT(T)<3.0V, A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT{VOUT(T)+3.0V} is input.
VOUT(T)≧3.0V, A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT{VOUT(T)+2.0V} is input.
*5: VIN1: The input voltage when VOUT1 appears as input voltage is gradually decreased.
*6: Unless otherwise stated, VIN=VOUT(T)+2.0V.
●
XC6216B Series
Ta = 25℃
■
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com