Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDF8599BTH Fiches technique(PDF) 52 Page - NXP Semiconductors

No de pièce TDF8599BTH
Description  I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599BTH Fiches technique(HTML) 52 Page - NXP Semiconductors

Back Button TDF8599BTH Datasheet HTML 46Page - NXP Semiconductors TDF8599BTH Datasheet HTML 47Page - NXP Semiconductors TDF8599BTH Datasheet HTML 48Page - NXP Semiconductors TDF8599BTH Datasheet HTML 49Page - NXP Semiconductors TDF8599BTH Datasheet HTML 50Page - NXP Semiconductors TDF8599BTH Datasheet HTML 51Page - NXP Semiconductors TDF8599BTH Datasheet HTML 52Page - NXP Semiconductors TDF8599BTH Datasheet HTML 53Page - NXP Semiconductors TDF8599BTH Datasheet HTML 54Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
TDF8599B_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 29 July 2009
52 of 54
continued >>
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel class-D power amplifier
22. Tables
Table 1.
Quick reference data . . . . . . . . . . . . . . . . . . . . .2
Table 2.
Ordering information . . . . . . . . . . . . . . . . . . . . .2
Table 3.
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . .4
Table 4.
I2C-bus mode operation . . . . . . . . . . . . . . . . . . .7
Table 5.
Non-I2C-bus mode operation . . . . . . . . . . . . . . .7
Table 6.
Mode setting pin OSCIO . . . . . . . . . . . . . . . . . .7
Table 7.
Oscillator modes . . . . . . . . . . . . . . . . . . . . . . .10
Table 8.
Operation mode selection with the MOD pin . .11
Table 9.
Overview of protection types . . . . . . . . . . . . . .15
Table 10. Overview of TDF8599B protection
circuits and amplifier states . . . . . . . . . . . . . . .17
Table 11. Available data on pins DIAG and CLIP . . . . . .18
Table 12. Interpretation of DC load detection bits . . . . . .20
Table 13. I2C-bus write address selection using
pins MOD and ADS . . . . . . . . . . . . . . . . . . . . . 23
Table 14. Instruction byte descriptions . . . . . . . . . . . . . . 25
Table 15. Phase shift bit settings . . . . . . . . . . . . . . . . . . 25
Table 16. Description of data bytes . . . . . . . . . . . . . . . . . 26
Table 17. Limiting values . . . . . . . . . . . . . . . . . . . . . . . . . 27
Table 18. Thermal characteristics . . . . . . . . . . . . . . . . . . 28
Table 19. Static characteristics . . . . . . . . . . . . . . . . . . . . 28
Table 20. Switching characteristics . . . . . . . . . . . . . . . . . 31
Table 21. Dynamic characteristics . . . . . . . . . . . . . . . . . 32
Table 22. Filter component values . . . . . . . . . . . . . . . . . 36
Table 23. SnPb eutectic process (from J-STD-020C) . . . 48
Table 24. Lead-free process (from J-STD-020C) . . . . . . 48
Table 25. Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 49
Table 26. Revision history . . . . . . . . . . . . . . . . . . . . . . . . 50
23. Figures
Fig 1.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . .3
Fig 2.
Heatsink up (top view) pin configuration
TDF8599BTH. . . . . . . . . . . . . . . . . . . . . . . . . . . . .4
Fig 3.
Mode selection. . . . . . . . . . . . . . . . . . . . . . . . . . . .6
Fig 4.
Clock frequency as a function of Rosc . . . . . . . . . .8
Fig 5.
Master and slave configuration . . . . . . . . . . . . . . .8
Fig 6.
Spread spectrum mode . . . . . . . . . . . . . . . . . . . . .9
Fig 7.
Spread spectrum operation in Master mode . . . . .9
Fig 8.
Phase lock operation . . . . . . . . . . . . . . . . . . . . . .10
Fig 9.
AD/BD modulation switching circuit . . . . . . . . . . .12
Fig 10. AD modulation . . . . . . . . . . . . . . . . . . . . . . . . . . .12
Fig 11. BD modulation . . . . . . . . . . . . . . . . . . . . . . . . . . .13
Fig 12. Master and slave operation with 1
⁄2 p phase
shift . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .14
Fig 13. Parallel mode . . . . . . . . . . . . . . . . . . . . . . . . . . . .14
Fig 14. DC offset protection and diagnostic output . . . . .16
Fig 15. Diagnostic output for short circuit conditions . . . .18
Fig 16. DC load detection circuit . . . . . . . . . . . . . . . . . . .19
Fig 17. DC load detection procedure . . . . . . . . . . . . . . . .19
Fig 18. DC load detection limits . . . . . . . . . . . . . . . . . . . .19
Fig 19. Recommended start-up sequence with DC load
detection enabled. . . . . . . . . . . . . . . . . . . . . . . . .21
Fig 20. Start-up and shutdown timing in I2C-bus
mode with DC load detection . . . . . . . . . . . . . . . .22
Fig 21. Start-up and shutdown timing in non-I2C-bus
mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
Fig 22. I2C-bus start and stop conditions. . . . . . . . . . . . .24
Fig 23. Data bits sent from Master microprocessor
(Mmp). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24
Fig 24. I2C-bus write . . . . . . . . . . . . . . . . . . . . . . . . . . . .24
Fig 25. I2C-bus read . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Fig 26. Po as a function of VP in stereo mode with
THD = 0.5 % . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Fig 27. Po as a function of VP in stereo mode with
THD = 10 %. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Fig 28. Po as a function of VP in parallel mode with
THD = 0.5 % . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Fig 29. Po as a function of VP parallel mode with
THD = 10 %. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Fig 30. THD + N as a function of output power with
a 2 W load; VP = 14.4 V. . . . . . . . . . . . . . . . . . . . 37
Fig 31. THD + N as a function of output power with
a 4 W load; VP = 14.4 V. . . . . . . . . . . . . . . . . . . . 37
Fig 32. THD + N as a function of output power with
a 2 W load; VP = 24 V . . . . . . . . . . . . . . . . . . . . . 38
Fig 33. THD + N as a function of output power with
a 4 W load; VP = 24 V . . . . . . . . . . . . . . . . . . . . . 38
Fig 34. THD + N as a function of frequency with a
2 W load, BD modulation; VP = 14.4 V . . . . . . . . 38
Fig 35. THD + N as a function of frequency with a
4 W load, BD modulation; VP = 14.4 V . . . . . . . . 38
Fig 36. THD + N as a function of frequency with a
2 W load, BD modulation; VP = 24 V . . . . . . . . . . 39
Fig 37. Gain as a function of frequency. . . . . . . . . . . . . . 39
Fig 38. Output power as a function of supply voltage
with a 2 W load . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Fig 39. Output power as a function of supply voltage
with a 4 W load . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Fig 40. Channel separation as a function of frequency
with 1 W output power, BD modulation . . . . . . . . 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54