Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8534AU/DA/1 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce PCF8534AU/DA/1
Description  Universal LCD driver for low multiplex rates
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534AU/DA/1 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button PCF8534AU/DA/1 Datasheet HTML 7Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 8Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 9Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 10Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 11Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 12Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 13Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 14Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
PCF8534A_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 6 August 2009
11 of 47
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
7.4 LCD drive mode waveforms
7.4.1 Static drive mode
The static LCD drive mode is used when a single backplane is provided in the LCD.
Backplane and segment drive waveforms for this mode are shown in Figure 6.
Vstate1(t) = VSn(t) − VBP0(t).
Von(RMS) = VLCD.
Vstate2(t) = V(Sn + 1)(t) − VBP0(t).
Voff(RMS) = 0 V.
Fig 6.
Static drive mode waveforms
mgl745
VSS
VLCD
VSS
VLCD
VSS
VLCD
VLCD
−VLCD
−VLCD
VLCD
state 1
0 V
BP0
Sn
Sn+1
state 2
0 V
(a) Waveforms at driver.
(b) Resultant waveforms
at LCD segment.
LCD segments
state 1
(on)
state 2
(off)
Tfr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47