Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8534AU/DA/1 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce PCF8534AU/DA/1
Description  Universal LCD driver for low multiplex rates
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534AU/DA/1 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button PCF8534AU/DA/1 Datasheet HTML 6Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 7Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 8Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 9Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 10Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 11Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 12Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 13Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
PCF8534A_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 6 August 2009
10 of 47
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
Using Equation 3, the discrimination for an LCD drive mode of 1:3 multiplex with
1
⁄2 bias is
and the discrimination for an LCD drive mode of 1:4 multiplex with
1
⁄2 bias is
.
The advantage of these LCD drive modes is a reduction of the LCD full scale voltage VLCD
as follows:
• 1:3 multiplex (1
⁄2 bias):
• 1:4 multiplex (1
⁄
2 bias):
These compare with
when 1
⁄
3 bias is used.
It should be noted that VLCD is sometimes referred as the LCD operating voltage.
3
1.732
=
21
3
----------
1.528
=
V
LCD
6V
off RMS
()
×
2.449V
off RMS
()
==
V
LCD
43
×
()
3
----------------------
2.309V
off RMS
()
==
V
LCD
3V
off RMS
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47