| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8534AHL/1 Fiches technique(PDF) 44 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8534AHL/1 Fiches technique(HTML) 44 Page - NXP Semiconductors |
|
44 / 47 page ![]() PCF8534A_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 6 August 2009 44 of 47 NXP Semiconductors PCF8534A Universal LCD driver for low multiplex rates For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. 19. Abbreviations MSL: Moisture Sensitivity Level Fig 29. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature Table 25. Abbreviations Acronym Description CMOS Complementary Metal-Oxide Semiconductor ESD ElectroStatic Discharge HBM Human Body Model IC Integrated Circuit LCD Liquid Crystal Display MM Machine Model RAM Random Access Memory |