Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8534AHL/1 Fiches technique(PDF) 18 Page - NXP Semiconductors

No de pièce PCF8534AHL/1
Description  Universal LCD driver for low multiplex rates
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534AHL/1 Fiches technique(HTML) 18 Page - NXP Semiconductors

Back Button PCF8534AHL/1 Datasheet HTML 14Page - NXP Semiconductors PCF8534AHL/1 Datasheet HTML 15Page - NXP Semiconductors PCF8534AHL/1 Datasheet HTML 16Page - NXP Semiconductors PCF8534AHL/1 Datasheet HTML 17Page - NXP Semiconductors PCF8534AHL/1 Datasheet HTML 18Page - NXP Semiconductors PCF8534AHL/1 Datasheet HTML 19Page - NXP Semiconductors PCF8534AHL/1 Datasheet HTML 20Page - NXP Semiconductors PCF8534AHL/1 Datasheet HTML 21Page - NXP Semiconductors PCF8534AHL/1 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
PCF8534A_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 6 August 2009
18 of 47
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
The following applies to Figure 12:
• Static mode: the eight transmitted data bits are placed in row 0 to eight successive
display RAM addresses.
• 1:2 multiplex mode: the eight transmitted data bits are placed in row 0 and 1 to four
successive display RAM addresses.
• 1:3 multiplex mode: the eight transmitted data bits are placed in row 0, 1 and 2 to
three successive addresses. However, bit 2 of the third address is left unchanged.
This last bit can, if necessary, be controlled by an additional transfer to this address
but avoid overriding adjacent data because full bytes are always transmitted.
• 1:4 multiplex mode: the eight transmitted data bits are placed in row 0, 1, 2 and 3 to
two successive display RAM addresses.
7.11 Data pointer
The addressing mechanism for the display RAM is realized using the data pointer. This
allows the loading of an individual display data byte or a series of display data bytes, into
any location of the display RAM. The sequence commences with the initialization of the
data pointer by the load data pointer command. After this, the data byte is stored starting
at the display RAM address indicated by the data pointer (see Figure 12). Once each byte
is stored, the data pointer is automatically incremented based on the selected LCD
configuration.
The contents of the data pointer are incremented as follows:
• In static drive mode by eight.
• In 1:2 multiplex drive mode by four.
• In 1:3 multiplex drive mode by three.
• In 1:4 multiplex drive mode by two.
If an I2C-bus data access terminates early, the state of the data pointer is unknown.
Consequently, the data pointer must be rewritten prior to further RAM accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47