| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC2919/01 Fiches technique(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2919/01 Fiches technique(HTML) 6 Page - NXP Semiconductors |
|
6 / 86 page ![]() LPC2917_19_01_2 © NXP B.V. 2009. All rights reserved. Preliminary data sheet Rev. 02 — 17 June 2009 6 of 86 NXP Semiconductors LPC2917/01; LPC2919/01 ARM9 microcontroller with CAN and LIN P2[22]/SCK2/ PCAP2[2]/D20 10[1] GPIO 2, pin 22 SPI2 SCK PWM2 CAP2 EXTBUS D20 P2[23]/SCS1[0]/ PCAP3[0]/D21 11[1] GPIO 2, pin 23 SPI1 SCS0 PWM3 CAP0 EXTBUS D21 P3[6]/SCS0[3]/ PMAT1[0]/ TXDL1 12[1] GPIO 3, pin 6 SPI0 SCS3 PWM1 MAT0 LIN1/UART TXD P3[7]/SCS2[1]/ PMAT1[1]/ RXDL1 13[1] GPIO 3, pin 7 SPI2 SCS1 PWM1 MAT1 LIN1/UART RXD P0[30]/CAP0[2]/ MAT0[2] 14[1] GPIO 0, pin 30 - TIMER0 CAP2 TIMER0 MAT2 P0[31]/CAP0[3]/ MAT0[3] 15[1] GPIO 0, pin 31 - TIMER0 CAP3 TIMER0 MAT3 P2[24]/SCS1[1]/ PCAP3[1]/D22 16[1] GPIO 2, pin 24 SPI1 SCS1 PWM3 CAP1 EXTBUS D22 P2[25]/SCS1[2]/ PCAP3[2]/D23 17[1] GPIO 2, pin 25 SPI1 SCS2 PWM3 CAP2 EXTBUS D23 VDD(CORE) 18 1.8 V power supply for digital core VSS(CORE) 19 ground for digital core P1[31]/CAP0[1]/ MAT0[1]/EI5 20[1] GPIO 1, pin 31 TIMER0 CAP1 TIMER0 MAT1 EXTINT5 VSS(IO) 21 ground for I/O P1[30]/CAP0[0]/ MAT0[0]/EI4 22[1] GPIO 1, pin 30 TIMER0 CAP0 TIMER0 MAT0 EXTINT4 P3[8]/SCS2[0]/ PMAT1[2] 23[1] GPIO 3, pin 8 SPI2 SCS0 PWM1 MAT2 - P3[9]/SDO2/PM AT1[3] 24[1] GPIO 3, pin 9 SPI2 SDO PWM1 MAT3 - P1[29]/CAP1[0]/ TRAP0/ PMAT3[5] 25[1] GPIO 1, pin 29 TIMER1 CAP0 PWM TRAP0 PWM3 MAT5 P1[28]/CAP1[1]/ TRAP1/ PMAT3[4] 26[1] GPIO 1, pin 28 TIMER1 CAP1, ADC1 EXT START PWM TRAP1 PWM3 MAT4 P2[26]/CAP0[2]/ MAT0[2]/EI6 27[1] GPIO 2, pin 26 TIMER0 CAP2 TIMER0 MAT2 EXTINT6 P2[27]/CAP0[3]/ MAT0[3]/EI7 28[1] GPIO 2, pin 27 TIMER0 CAP3 TIMER0 MAT3 EXTINT7 P1[27]/CAP1[2]/ TRAP2/ PMAT3[3] 29[1] GPIO 1, pin 27 TIMER1 CAP2, ADC2 EXT START PWM TRAP2 PWM3 MAT3 P1[26]/ PMAT2[0]/ TRAP3/ PMAT3[2] 30[1] GPIO 1, pin 26 PWM2 MAT0 PWM TRAP3 PWM3 MAT2 Table 3. LQFP144 pin assignment …continued Pin name Pin Description Default function Function 1 Function 2 Function 3 |