Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TVP6000CPFP Fiches technique(PDF) 32 Page - Texas Instruments

No de pièce TVP6000CPFP
Description  NTSC/PAL Digital Video Encoder
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TVP6000CPFP Fiches technique(HTML) 32 Page - Texas Instruments

Back Button TVP6000CPFP Datasheet HTML 28Page - Texas Instruments TVP6000CPFP Datasheet HTML 29Page - Texas Instruments TVP6000CPFP Datasheet HTML 30Page - Texas Instruments TVP6000CPFP Datasheet HTML 31Page - Texas Instruments TVP6000CPFP Datasheet HTML 32Page - Texas Instruments TVP6000CPFP Datasheet HTML 33Page - Texas Instruments TVP6000CPFP Datasheet HTML 34Page - Texas Instruments TVP6000CPFP Datasheet HTML 35Page - Texas Instruments TVP6000CPFP Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
2–20
2.11.9
BLANK_LEVEL
Subaddress: 5E Default: 0xB8
7
6
5
4
3
2
1
0
GV8
BLANK[6:0]
Where:
GV8
The most significant bit of the GAIN_V register. See the GAIN_V register for more
information.
BLANK[6:0]Blank level setting for NTSC = 0x38 and for PAL = 0x3C.
2.11.10 GAIN_Y
Subaddress: 5F Default: 0x2E
7
6
5
4
3
2
1
0
GY(7–0)
Where:
GY[7:0]
Gain control of Y signal. The MSB, bit 8, is located at subaddress 60, bit 5.
In the case of NTSC with a 7.5 IRE pedestal, WHITE – BLACK = 92.5 IRE.
Gain_Y = 0x12E
In the case of no pedestal (PAL/SECAM), WHITE – BLACK = 100 IRE.
Gain_Y = 0x145
2.11.11 X_COLOR
Subaddress: 60 Default: 0x20
7
6
5
4
3
2
1
0
XC
GY8
LCD(2–0)
Cross color and chroma delay compensation register
Where:
XC
Cross color reduction enable for composite video output. Cross color does not affect
S-video output
0
Cross color reduction is disabled (default)
1
Cross color reduction is enabled
GY8
MSB of Gain_Y register.
LCD[2:0]
These three bits can be used for chroma channel delay compensation during S-video
mode. Table 2–10 shows the delay corresponding to the LCD[2:0] settings.
Table 2–10. Chroma Channel Delays
LCD[2:0]
DELAY ON CHROMA
CHANNEL
0
0
0
0
0
0
1
0.5 pixel clock period
0
1
0
1 pixel clock period
0
1
1
1.5 pixel clock period
1
x
x
2 pixel clock period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com